Part Number Hot Search : 
CLAMP 1SMC70 UFT40150 MP26121 LA9201M 45000 ADP1828 0720EDJ
Product Description
Full Text Search
 

To Download EMHB350ADA101MJA0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high heat resistance, 125 aichip tm - mhb series ? esr : less than mvh ? endurance : 1,500 to 3,000 hours at 125 ? rated voltage range : 10 to 100v ? nominal capacitance range : 47 to 3,300f ? solvent resistant type (see precautions and guidelines) ? vibration resistant structure ? rohs compliant specifications (at 20 , 120hz) (at 20 after 2 minutes) (at 20 , 120hz) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tan) endurance items -40 to +125 ha0 & ja0 10 to 100v dc 20%(m) i = 0.01cv ke0 to mn0 i=0.03cv ha0 & ja0 ke0 to mn0 where, i : max. leakage current (a), c : nominal capacitance (f), v : rated voltage (v) rated voltage (v dc ) tan (max.) ha0 & ja0 ke0 to mn0 ha0 & ja0 ke0 to mn0 when nominal capacitance exceeds 1,000f, add 0.02 to the value above for each 1,000f increase. rated voltage (v dc ) z(-40)/z(+20) z(-40)/z(+20) z(-25)/z(+20) z(-25)/z(+20) the following specifications shall be satisfied when the capacitors are restored to 20 after the rated voltage is applied for 2,000 hours at 125 . . capacitance change Q30% of the initial value d.f. (tan) time Q 300% of the initial specified value leakage current Q the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 after subjected to dc voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 125 . capacitance change Q 30% of the initial value ke0 & kg5 1,500hours lh0 & mh0 2,000hours kn0 & ln0 & mn03,000hours d.f. (tan) Q 300% of the initial specified value leakage current Q the initial specified value characteristics 10v 0.24 4 16v 0.20 3 25v 0.16 0.14 3 4 35v 0.14 0.12 3 4 50v ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.10 4 63v 0.10 4 80v 0.08 4 100v 10v 16v 25v 35v 50v 63v 80v 100v 0.08 2 2 2 2 2 2 3 2 2 2 4 low temperature characteristics (max. impedance ratio) shelf life t he f ollowing specif icat ions shall be sat isf ied when t he capacit ors are rest ored t o 2 0 a fter exposing t hem f or 1 , 000 hours a t 125 wit hout volt age applied. bef ore t he measurement, the capacit or shall be precondit ioned by applying volt age according t o item 4 . 1 o f j i s c 5101-4. capacitance change Q 30% of the initial value d.f. (tan ) Q 300% of the initial specified value leakage current Q the initial specified value dimensions [mm] d 0.5 l 0.5 0.3max. a 0.2 w c 0.2 b 0.2 p d 0.5 b 0.2 l 0.5 0.3max. a 0.2 w c 0.2 p : dummy terminals siz e code : ha0 to mn0 t er minal code : g(vibration resistant structure) siz e code : ha0 to mn0 t er minal code : a vent (except ha0) vent (except ha0) part numbering system supplement code size code capacitance tolerance code capac i t anc e c ode ( e x . 4 7f:470, 100f:101 ) tapingtray code terminal code (a, g) voltage code (ex. 35v:350,100v:101) series code category e m h b a a a a d a a a a a a a g m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 p leas e r e f e r to "product code guide (su r f a c e m ount type) " upgrade! mhb lower esr mvh p94 size code ha0 ja0 ke0 kg5 lh0 ln0 mh0 mn0 d 8 10 12.5 12.5 16 16 18 18 l 10.0 10.0 13.5 16.0 16.5 21.5 16.5 21.5 a 8.3 10.3 13.0 13.0 17.0 17.0 19.0 19.0 b 8.3 10.3 13.0 13.0 17.0 17.0 19.0 19.0 c 9.0 11.0 13.7 13.7 18.0 18.0 20.0 20.0 w 0.7 to 1.1 0.7 to 1.1 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 p 3.1 4.5 4.2 4.2 kn0 12.5 21.5 13.0 13.0 13.7 1.0 to 1.3 4.2 6.5 6.5 6.5 6.5 marking ex) 16v220f ke0 to mn0 ha0, ja0 mhb 2a 1000 35v ex) 35v1,000f c h b rated v oltage symbol (ha0, ja0) rated voltage (v dc ) symbol 10 a 16 c 25 e 35 v 5j 220 98 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors
aichip tm - mhb series standard ratings upgrade! low impedance, 105 wv (v dc ) cap (f) size code esr(initial) ( max/100k to 400khz) esr(end of life) ( max) rated ripple current (marms/125 , 100k to 400khz) part no. 100khz 400khz 20 -40 20 -40 -40 10 330 ha0 0.3 3.0 C C 6.0 240 emhb100ada331mha0g 470 ja0 0.2 2.0 C C 4.5 330 emhb100ada471mja0g 16 100 ha0 0.3 3.0 C C 6.0 240 emhb160ada101mha0g 220 ha0 0.3 3.0 C C 6.0 240 emhb160ada221mha0g 25 100 ha0 0.3 3.0 C C 6.0 240 emhb250ada101mha0g 220 ha0 0.3 3.0 C C 6.0 240 emhb250ada221mha0g 330 ja0 0.2 2.0 C C 4.5 330 emhb250ada331mja0g 820 ke0 0.060 0.30 0.30 3.7 C 1,320 emhb250ara821mke0s 1,100 kg5 0.056 0.28 0.28 3.4 C 1,470 emhb250ara112mkg5s (1,500) (kn0) (0.044) (0.22) (0.18) (2.2) C (1,620) (emhb250atr152mkn0s) 1,600 lh0 0.047 0.24 0.24 2.9 C 1,820 emhb250 da162mlh0s 2,200 mh0 0.045 0.23 0.23 2.8 C 2,000 emhb250 da222mmh0s 2,700 ln0 0.034 0.17 0.10 1.3 C 2,280 emhb250 da272mln0s 3,300 mn0 0.032 0.16 0.090 0.60 C 2,490 emhb250 da332mmn0s 35 47 ha0 0.3 3.0 C C 6.0 240 emhb350ada470mha0g 100 ha0 0.3 3.0 C C 6.0 240 emhb350ada101mha0g 100 ja0 0.2 2.0 C C 4.5 330 EMHB350ADA101MJA0G 220 ja0 0.2 2.0 C C 4.5 330 emhb350ada221mja0g 560 ke0 0.060 0.30 0.30 3.7 C 1,320 emhb350ara561mke0s 680 kg5 0.056 0.28 0.28 3.4 C 1,470 emhb350ara681mkg5s (910) (kn0) (0.044) (0.22) (0.18) (2.2) C (1,620) (emhb350atr911mkn0s) 1,000 lh0 0.047 0.24 0.24 2.9 C 1,820 emhb350 da102mlh0s 1,300 mh0 0.045 0.23 0.23 2.8 C 2,000 emhb350 da132mmh0s 1,600 ln0 0.034 0.17 0.10 1.3 C 2,280 emhb350 da162mln0s 2,200 mn0 0.032 0.16 0.090 0.60 C 2,490 emhb350 da222mmn0s 50 270 ke0 0.11 0.55 0.55 6.6 C 980 emhb500ara271mke0s 360 kg5 0.10 0.50 0.50 6.0 C 1,090 emhb500ara361mkg5s (470) (kn0) (0.076) (0.38) (0.38) (4.6) C (1,200) (emhb500atr471mkn0s) 510 lh0 0.087 0.44 0.44 5.2 C 1,320 emhb500 da511mlh0s 680 mh0 0.087 0.44 0.44 5.2 C 1,420 emhb500 da681mmh0s 820 ln0 0.050 0.25 0.25 3.0 C 2,040 emhb500 da821mln0s 1,100 mn0 0.050 0.25 0.25 3.0 C 2,240 emhb500 da112mmn0s 63 200 ke0 0.22 1.54 0.88 14 C 540 emhb630ara201mke0s 270 kg5 0.17 1.19 0.68 11 C 650 emhb630ara271mkg5s (330) (kn0) (0.13) (0.94) (0.53) (8.5) C (830) (emhb630atr331mkn0s) 360 lh0 0.15 1.05 0.60 9.6 C 780 emhb630 da361mlh0s 470 mh0 0.12 0.84 0.48 7.7 C 940 emhb630 da471mmh0s 560 ln0 0.085 0.58 0.19 3.0 C 1,790 emhb630 da561mln0s 750 mn0 0.070 0.49 0.19 3.0 C 1,910 emhb630 da751mmn0s 80 130 ke0 0.22 1.54 0.88 14 C 540 emhb800ara131mke0s 160 kg5 0.17 1.19 0.68 11 C 650 emhb800ara161mkg5s (220) (kn0) (0.13) (0.94) (0.53) (8.5) C (830) (emhb800atr221mkn0s) 240 lh0 0.15 1.05 0.60 9.6 C 780 emhb800 da241mlh0s 330 mh0 0.12 0.84 0.48 7.7 C 940 emhb800 da331mmh0s 390 ln0 0.085 0.58 0.19 3.0 C 1,790 emhb800 da391mln0s 510 mn0 0.070 0.49 0.19 3.0 C 1,910 emhb800 da511mmn0s 100 75 ke0 0.28 2.24 1.1 22 C 480 emhb101ara750mke0s 100 kg5 0.21 1.68 0.84 17 C 580 emhb101ara101mkg5s (130) (kn0) (0.17) (1.32) (0.66) (13) C (740) (emhb101atr131mkn0s) 130 lh0 0.18 1.44 0.72 14 C 720 emhb101 da131mlh0s 180 mh0 0.15 1.20 0.60 12 C 840 emhb101 da181mmh0s 220 ln0 0.11 0.88 0.25 3.9 C 1,580 emhb101 da221mln0s 300 mn0 0.091 0.73 0.22 3.9 C 1,690 emhb101 da301mmn0s rated ripple current multipliers ? frequency multipliers the endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 rise. when long life performance is required in actual use, the rms ripple current has to be reduced. size code frequency(hz) capacitance(f) 120 1k 10k 100k ha0 to ja0 47 to 470 0.93 0.97 1.00 1.00 ke0 to mn0 75 to 200 0.40 0.75 0.90 1.00 220 to 560 0.50 0.85 0.94 1.00 680 to 1,600 0.60 0.87 0.95 1.00 2,200 to 3,300 0.75 0.90 0.95 1.00 : enter the appropriate terminal code. ( ) :second standard 99 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information c ontained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of EMHB350ADA101MJA0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X